this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 5013311107 status: active overview: picoclasp description: 1.00mm (.039") pitch pico-clasp? wire-to-board header, surface mount, single row, vertical, with positive lock, 11 circuits, with cover tape, lead-free documents: 3d model product specification ps-501331-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 501331 application wire-to-board overview picoclasp product name pico-clasp? physical breakaway no circuits (loaded) 11 color - resin natural durability (mating cycles max) 30 glow-wire compliant no lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm polarized to mating part yes polarized to pcb no robotic placement vacuum pick-up tape stackable no temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers packaging specification spk-501331-001 product specification ps-501331-001, rps-501331-001, rps-501331-002, rps-501331-003, rps-501331-005, rps-501331-006, rps-501331-007, rps-501940-001, rps-501940-002 sales drawing sd-501331-002, sd-501331-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 501331 series mates with 501330 pico-clasp? wire-to-board female housing
this document was generated on 05/26/2010 please check www.molex.com for latest part information
|